Part Number Hot Search : 
HMC333E 54138 D71054 28F128J3 PN8393 2N440 00SERI UF4001
Product Description
Full Text Search
 

To Download 0510-50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0510-50A
50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz
GENERAL DESCRIPTION
The 0510-50A is a double input matched COMMON EMITTER broadband transistor specifically intended for use in the 500-1000 MHz frequency band. It may be operated in Class AB or C. Gold metallization and silicon diffused resistors ensure improved ruggedness and high reliability.
CASE OUTLINE
55AV - Style 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emiter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 125 Watts 60 Volts 4.0 Volts 3.7 A - 65 to +200 oC +200 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Output Power Input Power Gain Efficiency Load Mismatch Tolerance TEST CONDITIONS F = 1000 MHz Vcc = 28 Volts MIN 50 12.5 7.0 50 Vcb = 28V, Po = 50W 5:1 TYP MAX UNITS Watts Watts dB %
c
VSWR
BVebo BVces BVceo Cob hFE
jc
Emitter to Base Breakdown Collector to Emitter Breakdown Collector to Emitter Breakdown Output Capacitance DC - Current Gain Thermal Resistance
Ie = 5 mA Ic = 100 mA Ie = 50 mA Vcb = 28 V, F = 1 MHz Vce = 5 V, Ic = 500 mA
4.0 60 27 27 10 1.4
Volts Volts Volts pF
o
C/W
Issue August 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
0510-50A
August 1996


▲Up To Search▲   

 
Price & Availability of 0510-50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X